PART |
Description |
Maker |
24AA01T 24LC01T-I_STG 24AA01 24AA01-E_MSG 24AA01-E |
The 24LC01B is a 1K bit Electrically Erasable PROM memory organized as a single block of 128 x 8-bit memory with an I2C™ compatible ... The 24LC01B is a 1K bit Electrically Erasable PROM memory organized as a single block of 128 x 8-bit memory with an I2C™ compatible 2-wire serial interface bus. The 24LC01B features hardware write protect, Schmitt trigger inputs, 400 1K I2C Serial EEPROM 1K/2K I2CSerial EEPROMs in ISO Micromodules
|
MICROCHIP[Microchip Technology]
|
LTC2631ACTS8-LZ10 LTC2631AHTS8-LZ10 LTC2631AITS8-L |
Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/隆?C Reference Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/掳C Reference Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference 8-BIT DAC, PDSO8
|
LINEAR TECHNOLOGY CORP
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ST72104GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72C215G2MCE |
8-bit MCU for automotive with single voltage Flash/ROM memory,ADC, 16-bit timers, SPI, I2C interfaces
|
ST Microelectronics
|
ST72C254G2M6TR ST72P254G2B6 ST72P254G1B6 ST72P254G |
ST72104G/ST72215G/ST72216G/ST72254G - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
|
ST Microelectronics
|
AD5667-RBRMZ-2 |
Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO10
|
Analog Devices, Inc.
|
24LC21A-I_P 24LC21A-I_SN 24LC21AT-I_P 24LC21AT-I_S |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, ROHS COMPLIANT, PLASTIC, DIP-8 1K 2.5V Dual Mode I2C?/a> Serial EEPROM 1K 2.5V Dual Mode I2C Serial EEPROM 1K 2.5V Dual Mode I2C垄芒 Serial EEPROM
|
Microchip Technology, Inc.
|
AD5627RBRMZ-1REEL7 |
Dual, 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref, I2C Interface
|
http://
|
LTC2602 LTC2632 LTC2633 LTC2630 LTC2622 LTC1662 LX |
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference 10-BIT DAC, PDSO8 12-BIT DAC, PDSO8
|
Linear Technology LINEAR TECHNOLOGY CORP
|